| Moteur de recherche de fiches techniques de composants électroniques |
|
X98021 Fiches technique(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
X98021 Fiches technique(HTML) 8 Page - Renesas Technology Corp |
|
8 / 29 page ![]() X98021 FN8219 Rev 3.00 Page 8 of 29 March 8, 2006 Pinout X98021 (128-PIN MQFP) TOP VIEW 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 NC NC GNDA V BYP AS S GNDA V A R IN1 GNDA V BYP AS S GNDA V A G IN1 RG B GND1 SOG IN1 GNDA V BYP AS S GNDA V A B IN1 V A GNDA R IN2 GNDA G IN2 RG B GND2 SOG IN2 GNDA B IN2 V A GNDA V COR E ADC GNDD HS Y NC IN1 HS Y NC IN2 V A GNDA GNDX V X R S 5 R S 6 R S 7 V D GNDD G P 0 G P 1 G P 2 G P 3 G P 4 G P 5 G P 6 G P 7 V D GNDD G S 0 G S 1 G S 2 G S 3 G S 4 G S 5 G S 6 G S 7 V COR E GNDD V D GNDD B P 0 B P 1 B P 2 B P 3 B P 4 B P 5 B P 6 B P 7 V D GNDD VR E G IN 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 |