Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

12F508 Fiches technique(PDF) 15 Page - Microchip Technology

No de pièce 12F508
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F508 Fiches technique(HTML) 15 Page - Microchip Technology

Back Button 12F508 Datasheet HTML 11Page - Microchip Technology 12F508 Datasheet HTML 12Page - Microchip Technology 12F508 Datasheet HTML 13Page - Microchip Technology 12F508 Datasheet HTML 14Page - Microchip Technology 12F508 Datasheet HTML 15Page - Microchip Technology 12F508 Datasheet HTML 16Page - Microchip Technology 12F508 Datasheet HTML 17Page - Microchip Technology 12F508 Datasheet HTML 18Page - Microchip Technology 12F508 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 98 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41236A-page 13
PIC12F508/509/16F505
TABLE 3-3:
PIC16F505 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RB0/ICSPDAT
RB0
TTL
CMOS Bidirectional I/O pin. Can be software programmed for internal
weak pull-up and wake-up from Sleep on pin change.
ICSPDAT
ST
CMOS In-Circuit Serial Programming™ data pin.
RB1/ICSPCLK
RB1
TTL
CMOS Bidirectional I/O pin. Can be software programmed for internal
weak pull-up and wake-up from Sleep on pin change.
ICSPCLK
ST
CMOS In-Circuit Serial Programming clock pin.
RB2
RB2
TTL
CMOS Bidirectional I/O pin.
RB3/MCLR/VPP
RB3
TTL
—
Input port. Can be software programmed for internal weak
pull-up and wake-up from Sleep on pin change.
MCLR
ST
—
Master Clear (Reset). When configured as MCLR, this pin is
an active-low Reset to the device. Voltage on MCLR/VPP must
not exceed VDD during normal device operation or the device
will enter Programming mode. Weak pull-up always on if
configured as MCLR.
VPP
—
—
Programming voltage input.
RB4/OSC2/CLKOUT
RB4
TTL
CMOS Bidirectional I/O pin. Can be software programmed for internal
weak pull-up and wake-up from Sleep on pin change.
OSC2
—
XTAL
Oscillator crystal output. Connections to crystal or resonator in
Crystal Oscillator mode (XT, HS and LP modes only).
CLKOUT
—
CMOS In EXTRC and INTRC modes, the pin output can be
configured for CLKOUT, which has 1/4 the frequency of OSC1
and denotes the instruction cycle rate.
RB5/OSC1/CLKIN
RB5
TTL
CMOS Bidirectional I/O pin.
OSC1
XTAL
—
Crystal input.
CLKIN
ST
—
External clock source input.
RC0
RC0
TTL
CMOS Bidirectional I/O pin.
RC1
RC1
TTL
CMOS Bidirectional I/O pin.
RC2
RC2
TTL
CMOS Bidirectional I/O pin.
RC3
RC3
TTL
CMOS Bidirectional I/O pin.
RC4
RC4
TTL
CMOS Bidirectional I/O pin.
RC5/T0CKI
RC5
TTL
CMOS Bidirectional I/O pin.
T0CKI
ST
—
Clock input to TMR0.
VDD
VDD
—
P
Positive supply for logic and I/O pins.
VSS
VSS
—
P
Ground reference for logic and I/O pins.
Legend: I = Input, O = Output, I/O = Input/Output, P = Power, — = Not used, TTL = TTL input,
ST = Schmitt Trigger input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com