Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IMX8MDQLQCEC Fiches technique(PDF) 72 Page - NXP Semiconductors

No de pièce IMX8MDQLQCEC
Description  i.MX 8M Dual / 8M QuadLite / 8M Quad Applications Processors
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MDQLQCEC Fiches technique(HTML) 72 Page - NXP Semiconductors

Back Button IMX8MDQLQCEC Datasheet HTML 68Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 69Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 70Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 71Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 72Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 73Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 74Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 75Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 97 page
background image
i.MX 8M Dual / 8M QuadLite / 8M Quad Applications Processors Data Sheet for Consumer Products, Rev. 0.1, 05/2018
72
NXP Semiconductors
Boot mode configuration
4.2
Boot device interface allocation
Table 81 lists the interfaces that can be used by the boot process in accordance with the specific Boot
mode configuration. The table also describes the interface’s specific modes and IOMUXC allocation,
which are configured during boot when appropriate.
Table 81. Interface allocation during boot
Interface
IP Instance
Allocated Pads During Boot
Comment
NAND Flash
GPMI
NAND_ALE, NAND_CE0_B, NAND_CLE,
NAND_DATA00, NAND_DATA01, NAND_DATA02,
NAND_DATA03, NAND_DATA04, NAND_DATA05,
NAND_DATA06, NAND_DATA07, NAND_DQS,
NAND_RE_B, NAND_READY_B, NAND_WE_B,
NAND_WP_B
8-bit, only CS0 is supported.
SD/MMC
USDHC-1
GPIO1_IO03, GPIO1_IO06, GPIO1_IO07,
SD1_RESET_B, SD1_CLK, SD1_CMD, SD1_STROBE,
SD1_DATA0, SD1_DATA1, SD1_DATA2, SD1_DATA3,
SD1_DATA4, SD1_DATA5, SD1_DATA6, SD1_DATA7
1, 4, or 8-bit
SD/MMC
USDHC-2
GPIO1_IO04, GPIO1_IO08, GPIO1_IO07,
SD2_RESET_B, SD2_CD_B, SD2_WP, SD2_CLK,
SD2_CMD, SD2_DATA0, SD2_DATA1, SD2_DATA2,
SD2_DATA3
1 or 4-bit
USB
USB_OTG PHY
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97