| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC1F628 Fiches technique(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC1F628 Fiches technique(HTML) 33 Page - Microchip Technology |
|
33 / 170 page ![]() 2003 Microchip Technology Inc. Preliminary DS40300C-page 31 PIC16F62X FIGURE 5-4: BLOCK DIAGRAM OF RA4/T0CKI PIN FIGURE 5-5: BLOCK DIAGRAM OF THE RA5/MCLR/VPP PIN FIGURE 5-6: BLOCK DIAGRAM OF RA6/OSC2/CLKOUT PIN Data Bus Q D Q CK N WR PORTA WR TRISA Data Latch TRIS Latch RD TRISA RD PORTA Vss RA4 Pin Q D Q CK D Q EN TMR0 Clock Input Schmitt Trigger Input Buffer Comparator Output Comparator Mode = 110 1 0 Vss V DD D Q EN HV Detect MCLR Filter RA5/MCLR/V PP MCLR Program MCLRE RD V SS Data Bus V SS PORTA RD circuit mode Schmitt Trigger Input Buffer TRISA WR D CK Q Q 1 0 PORTA WR TRISA V DD V SS CLKOUT(F OSC/4) (F OSC = 101, 111) (2) QD RD EN RD PORTA F OSC = D CK Q Q 100, 110 (1) TRISA From OSC1 OSC Circuit Note 1: INTRC with RA6 = I/O or ER with RA6 = I/O. 2: INTRC with RA6 = CLKOUT or ER with RA6 = CLK- OUT. Schmitt Trigger Input Buffer Data Latch TRIS Latch |