| Moteur de recherche de fiches techniques de composants électroniques |
|
P89LPC913 Fiches technique(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89LPC913 Fiches technique(HTML) 40 Page - NXP Semiconductors |
|
40 / 63 page ![]() Philips Semiconductors P89LPC912/913/914 8-bit microcontrollers with two-clock 80C51 core Product data Rev. 03 — 17 December 2004 40 of 63 9397 750 14468 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. The SPI interface has four pins: SPICLK, MOSI, MISO, and SS: • SPICLK, MOSI and MISO are typically tied together between two or more SPI devices. Data flows from master to slave on MOSI (Master Out Slave In) pin and flows from slave to master on MISO (Master In Slave Out) pin. The SPICLK signal Fig 16. SPI block diagram (P89LPC912, P89LPC914). 002aaa497 CPU clock DIVIDER BY 4, 16, 64, 128 SELECT CLOCK LOGIC SPI CONTROL REGISTER READ DATA BUFFER 8-BIT SHIFT REGISTER SPI CONTROL SPI STATUS REGISTER SPI clock (master) S M S M M S MISO P2.3 MOSI P2.2 SPICLK P2.5 SS P2.4 SPI interrupt request internal data bus MSTR SPEN clock Fig 17. SPI block diagram (P89LPC913). 002aaa498 CPU clock DIVIDER BY 4, 16, 64, 128 SELECT CLOCK LOGIC clock SPI CONTROL REGISTER READ DATA BUFFER 8-BIT SHIFT REGISTER SPI CONTROL SPI STATUS REGISTER SPI clock (master) S M S M M S MISO P2.3 MOSI P2.2 SPICLK P2.5 SPI interrupt request internal data bus MSTR SPEN |