| Moteur de recherche de fiches techniques de composants électroniques |
|
X5168PIZ Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
X5168PIZ Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 20 page ![]() X5168, X5169 (Replaces X25268, X25169) FN8130 Rev 2.00 Page 2 of 20 June 15, 2006 Ordering Information PART NUMBER RESET (ACTIVE LOW) PART MARKING PART NUMBER RESET (ACTIVE HIGH) PART MARKING VCC RANGE (V) VTRIP RANGE (V) TEMP RANGE (°C) PACKAGE PKG. DWG # X5168P-4.5A X5168P AL X5169P-4.5A X5169P AL 4.5-5.5 4.5-4.75 0 to 70 8 Ld PDIP MDP0031 X5168PZ-4.5A (Note) X5168P Z AL X5169PZ-4.5A (Note) X5169P Z AL 0 to 70 8 Ld PDIP** (Pb-free) MDP0031 X5168PI-4.5A X5168P AM X5169PI-4.5A X5169P AM -40 to 85 8 Ld PDIP MDP0031 X5168PIZ-4.5A (Note) X5168P Z AM X5169PIZ-4.5A (Note) X5169P Z AM -40 to 85 8 Ld PDIP** (Pb-free) MDP0031 X5168S8-4.5A X5168 AL X5169S8-4.5A X5169 AL 0 to 70 8 Ld SOIC MDP0027 X5168S8Z-4.5A (Note) X5168 Z AL X5169S8Z-4.5A (Note) X5169 Z AL 0 to 70 8 Ld SOIC (Pb-free) MDP0027 X5168S8I-4.5A* X5168 AM X5169S8I-4.5A X5169 AM -40 to 85 8 Ld SOIC MDP0027 X5168S8IZ-4.5A* (Note) X5168 Z AM X5169S8IZ-4.5A (Note) X5169 Z AM -40 to 85 8 Ld SOIC (Pb-free) MDP0027 X5168V14-4.5A X5168V AL X5169V14-4.5A X5169V AL 0 to 70 14 Ld TSSOP M14.173 X5168V14Z-4.5A (Note) X5168V Z AL X5169V14Z-4.5A (Note) X5169V Z AL 0 to 70 14 Ld TSSOP (Pb-free) M14.173 X5168V14I-4.5A X5168V AM X5169V14I-4.5A X5169V AM -40 to 85 14 Ld TSSOP M14.173 X5168V14IZ-4.5A (Note) X5168V Z AM X5169V14IZ-4.5A (Note) X5169V Z AM -40 to 85 14 Ld TSSOP (Pb-free) M14.173 X5168P X5168P X5169P X5169P 4.5-5.5 4.25-4.5 0 to 70 8 Ld PDIP MDP0031 X5168PZ (Note) X5168P Z X5169PZ (Note) X5169P Z 0 to 70 8 Ld PDIP** (Pb-free) MDP0031 X5168PI X5168P I X5169PI X5169P I -40 to 85 8 Ld PDIP MDP0031 X5168PIZ (Note) X5168P Z I X5169PIZ (Note) X5169P Z I -40 to 85 8 Ld PDIP** (Pb-free) MDP0031 X5168S8* X5168 X5169S8* X5169 0 to 70 8 Ld SOIC MDP0027 X5168S8Z* (Note) X5168 Z X5169S8Z* (Note) X5169 Z 0 to 70 8 Ld SOIC (Pb-free) MDP0027 X5168S8I* X5168 I X5169S8I* X5169 I -40 to 85 8 Ld SOIC MDP0027 X5168S8IZ* (Note) X5168 Z I X5169S8IZ* (Note) X5169 Z I -40 to 85 8 Ld SOIC (Pb-free) MDP0027 X5168V14* X5168V X5169V14* X5169V 0 to 70 14 Ld TSSOP M14.173 X5168V14Z* (Note) X5168V Z X5169V14Z* (Note) X5169V Z 0 to 70 14 Ld TSSOP (Pb-free) M14.173 X5168V14I* X5168V I X5169V14I* X5169V I -40 to 85 14 Ld TSSOP M14.173 X5168V14IZ* (Note) X5168V Z I X5169V14IZ* (Note) X5169V Z I -40 to 85 14 Ld TSSOP (Pb-free) M14.173 X5168P-2.7A X5168P AN X5169P-2.7A X5169P AN 2.7-5.5 2.85-3.0 0 to 70 8 Ld PDIP MDP0031 X5168PZ-2.7A (Note) X5168P Z AN X5169PZ-2.7A (Note) X5169P Z AN 0 to 70 8 Ld PDIP** (Pb-free) MDP0031 X5168PI-2.7A X5168P AP X5169PI-2.7A X5169P AP -40 to 85 8 Ld PDIP MDP0031 X5168PIZ-2.7A (Note) X5168P Z AP X5169PIZ-2.7A (Note) X5169P Z AP -40 to 85 8 Ld PDIP** (Pb-free) MDP0031 X5168S8-2.7A* X5168 AN X5169S8-2.7A X5169 AN 0 to 70 8 Ld SOIC MDP0027 X5168S8Z-2.7A* (Note) X5168 Z AN X5169S8Z-2.7A (Note) X5169 Z AN 0 to 70 8 Ld SOIC (Pb-free) MDP0027 X5168S8I-2.7A* X5168 AP X5169S8I-2.7A X5169 AP -40 to 85 8 Ld SOIC MDP0027 X5168S8IZ-2.7A (Note) X5168 Z AP X5169S8IZ-2.7A (Note) X5169 Z AP -40 to 85 8 Ld SOIC (Pb-free) MDP0027 |