Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SGM803-RXN3/TR Fiches technique(PDF) 12 Page - SG Micro Corp

No de pièce SGM803-RXN3/TR
Description  Microprocessor Supervisory Circuit in 3-Pin SOT-23
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SGMICRO [SG Micro Corp]
Site Internet  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM803-RXN3/TR Fiches technique(HTML) 12 Page - SG Micro Corp

Back Button SGM803-RXN3/TR Datasheet HTML 5Page - SG Micro Corp SGM803-RXN3/TR Datasheet HTML 6Page - SG Micro Corp SGM803-RXN3/TR Datasheet HTML 7Page - SG Micro Corp SGM803-RXN3/TR Datasheet HTML 8Page - SG Micro Corp SGM803-RXN3/TR Datasheet HTML 9Page - SG Micro Corp SGM803-RXN3/TR Datasheet HTML 10Page - SG Micro Corp SGM803-RXN3/TR Datasheet HTML 11Page - SG Micro Corp SGM803-RXN3/TR Datasheet HTML 12Page - SG Micro Corp SGM803-RXN3/TR Datasheet HTML 13Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PACKAGE INFORMATION
TX10000.000
SG Micro Corp
www.sg-micro.com
TAPE AND REEL INFORMATION
NOTE: The picture is only for reference. Please make the object as the standard.
KEY PARAMETER LIST OF TAPE AND REEL
Package Type
Reel
Diameter
Reel Width
W1
(mm)
A0
(mm)
B0
(mm)
K0
(mm)
P0
(mm)
P1
(mm)
P2
(mm)
W
(mm)
Pin1
Quadrant
SOT-23
7″
9.5
3.15
2.77
1.22
4.0
4.0
2.0
8.0
Q3
SOT-23-3
7″
9.0
3.20
3.30
1.30
4.0
4.0
2.0
8.0
Q3
Reel Width (W1)
Reel Diameter
REEL DIMENSIONS
TAPE DIMENSIONS
DIRECTION OF FEED
P2
P0
W
P1
A0
K0
B0
Q1
Q2
Q4
Q3
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13