Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZEPIR0BAS02MODG Fiches technique(PDF) 39 Page - Zilog, Inc.

No de pièce ZEPIR0BAS02MODG
Description  ZMOTION짰 Detection Module II
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZEPIR0BAS02MODG Fiches technique(HTML) 39 Page - Zilog, Inc.

Back Button ZEPIR0BAS02MODG Datasheet HTML 35Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 36Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 37Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 38Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 39Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 40Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 41Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 42Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
PS030504-0917
Serial Commands
ZMOTION® Detection Module II
Product Specification
31
Motion Detection Suspend
This command enables and disables motion detection by the ZMOTION® Detection Mod-
ule II. When set to ‘N’, the Module detects motion. When set to ‘Y’, motion detection is
suspended. While Motion Detection Suspend is a method to temporarily disable motion
detection, the MD pin may still be manually driven active/inactive via the ‘O’ (Write MD
Output State) command.
Read Motion Detection Suspend Setting
Command
‘h’ (0x68)
Description
This read command returns the current Motion Detection Suspend setting.
Return Values
Y = Motion Detection is suspended
N = Motion Detection is active
Normal Command Sequence
Write Motion Detection Suspend Setting
Command
‘H’ (0x48)
Description
This write command enables and disables motion detection by ZDMII.
Host
“h”
[“Y”, “N”]
ZMOTION
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78