Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OD-850WHT Fiches technique(PDF) 4 Page - OptoDiode Corp

No de pièce OD-850WHT
Description  High Temperature GaAlAs IR Emitters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTODIODE [OptoDiode Corp]
Site Internet  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

OD-850WHT Fiches technique(HTML) 4 Page - OptoDiode Corp

  OD-850WHT Datasheet HTML 1Page - OptoDiode Corp OD-850WHT Datasheet HTML 2Page - OptoDiode Corp OD-850WHT Datasheet HTML 3Page - OptoDiode Corp OD-850WHT Datasheet HTML 4Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
An ITW Company
From Deep UV to Mid-IR
Revision July 13, 2018
Page 4 of 4
High Temperature GaAlAs IR Emitters
OD-850WHT
All surfaces are gold plated. Dimensions are nominal values in inches unless otherwise specified.
Window caps are welded to the case.
Package Information
Ordering Information
1260 Calle Suerte, Camarillo, California 93012
Phone: +1 805.499.0335 | Fax: +1 805.499.8108 | sales@optodiode.com | www.optodiode.com
OD-850-008
High Temperature Wide Angle TO-46 850 nm Emitter Shipped in ESD Bag
Specifications are subject to change without prior notice.



Html Pages

1 2 3 4