Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLS115D0 Fiches technique(PDF) 24 Page - Infineon Technologies AG

No de pièce TLS115D0
Description  High Precision Voltage Tracker
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115D0 Fiches technique(HTML) 24 Page - Infineon Technologies AG

Back Button TLS115D0 Datasheet HTML 18Page - Infineon Technologies AG TLS115D0 Datasheet HTML 19Page - Infineon Technologies AG TLS115D0 Datasheet HTML 20Page - Infineon Technologies AG TLS115D0 Datasheet HTML 21Page - Infineon Technologies AG TLS115D0 Datasheet HTML 22Page - Infineon Technologies AG TLS115D0 Datasheet HTML 23Page - Infineon Technologies AG TLS115D0 Datasheet HTML 24Page - Infineon Technologies AG TLS115D0 Datasheet HTML 25Page - Infineon Technologies AG TLS115D0 Datasheet HTML 26Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Data Sheet
24
Rev.1.00
2016-10-13
TLS115D0
High Precision Voltage Tracker
Package outlines
Figure 6
PG-TSON-10
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products and to be compliant
with government regulations the device is available as a green product. Green products are RoHS-Compliant
(i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020).
Pin 1 Marking
Pin 1 Marking
PG-TSON-10-2-PO V02
±0.1
2.58±0.1
0.1
±0.1
0.36
±0.1
0.53
±0.1
±0.1
0.25
0.5
±0.1
3.3
Z
0.05
0.07 MIN.
Z (4:1)
For further information on alternative packages, please visit our website:
http://www.infineon.com/packages.
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26