| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC1598 Fiches technique(PDF) 9 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1598 Fiches technique(HTML) 9 Page - Linear Technology |
|
9 / 12 page ![]() 9 LTC1598 TYPICAL APPLICATIONS Data Exchange Between LTC1598 and MC68HC05 CS MUX = CS ADC = CS CLK DOUT MPU RECEIVED WORD 1598 TA03 B3 B7 B6 B5 B4 B2 B1 B0 B1 B2 B11 B10 B9 B8 DIN MPU TRANSMIT WORD BYTE 3 BYTE 2 EN D2 0D1 X D0 BYTE 1 X X X X X X X 00 0 X X X XX X X X BYTE 3 BYTE 2 BYTE 1 B10 ? ? 0 B11 B9 B7 B8 B6 B5 B3 B4 B2 B1 B1 B0 DON'T CARE D1 D2 ? ?? ? ? ?? ? DO EN Hardware and Software Interface to Motorola MC68HC05 1598 TA04 DOUT FROM LTC1598 STORED IN MC68HC05 RAM B1 B0 0 B2 B3 B5 B6 B4 0 0 LSB MSB #00 #01 0 B11 B10 B9 B8 B7 CLK DIN CS MUX CS ADC ANALOG INPUTS C0 SCK MC68HC05 DOUT MOSI LTC1598 BYTE 1 BYTE 2 MISO |