Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM641521 Fiches technique(PDF) 11 Page - Sharp Corporation

No de pièce LM641521
Description  Passive Matrix type LCD UNIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM641521 Fiches technique(HTML) 11 Page - Sharp Corporation

Back Button LM641521 Datasheet HTML 7Page - Sharp Corporation LM641521 Datasheet HTML 8Page - Sharp Corporation LM641521 Datasheet HTML 9Page - Sharp Corporation LM641521 Datasheet HTML 10Page - Sharp Corporation LM641521 Datasheet HTML 11Page - Sharp Corporation LM641521 Datasheet HTML 12Page - Sharp Corporation LM641521 Datasheet HTML 13Page - Sharp Corporation LM641521 Datasheet HTML 14Page - Sharp Corporation LM641521 Datasheet HTML 15Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SPEC No.
No.
Because of the characteristics of
driver
the
of
aait
the operating
increases. Thus the driver
the
of
parallel data through the 4 lines of
shift registers to reduce the
transfer speed CP2.
to the
the
power coasuaptioa of the unit
be
this circuit
I-bit
data shall be therefore input to
data input pins of
(upper
sad
Furthermore the LCD unit adopts bus line
for data
to
the
power
In this
input
of each driver LSI rctivrted
relevant data input’ is fed.
Data input for
electrodes of both the upper and ths lower
and chip select of driver
are
follows:
The
at the left end of the
fro is first selected, and the
adjacent driver
of the right side is selected
80 dots
is
fed. This process is
continued until
is fed to the driver
at
the right end of the display
This process is
the
drivers
of both the
and the
data
for both the upper sad the
lower
repeats
be fed through
bus line
the
left end of the
face.
this
coatrire no ret leeh
it
even for static dieplu.
The
chart of
are
in Fig. 3
Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20