| Moteur de recherche de fiches techniques de composants électroniques |
|
ISL59832IRZ Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL59832IRZ Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 15 page ![]() ISL59832 FN6267 Rev 1.00 Page 2 of 15 June 11, 2008 Absolute Maximum Ratings (TA = +25°C) Thermal Information VS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4V VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VS + 0.3V Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . ±50mA Maximum Current into Any Pin . . . . . . . . . . . . . . . . . . . . . . . ±50mA ESD Rating Human Body Model (Per MIL-STD-883 Method 3015.7) . . .3500V Machine Model (Per EIAJ ED-4701 Method C-111). . . . . . . .350V Operating Conditions Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C or Thermal Resistance (Typical, Note 1) JA (°C/W) 16 Lead TQFN Package . . . . . . . . . . . . . . . . . . . . . 46 Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA NOTES: 1. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech Brief TB379. 2. Parameters with MIN and/or MAX limits are 100% tested at +27°C, unless otherwise specified. Temperature limits established by characterization and are not production tested. Electrical Specifications VS = VCP = 3.3V, CF = 0.1µF, CS = 0.22µF, CFIL = 0.4µF, CIN1 = CIN2 = 0.1µF, RL1 = RL2 = 150, Typical TA = +27°C. SYMBOL PARAMETER CONDITIONS MIN (Note 2) TYP MAX (Note 2) UNIT DC CHARACTERISTICS VS, VCP Supply Range guaranteed by PSRR 3.0 3.3 3.6 V VEEOUT Charge Pump Output -1.75 -1.5 -1.25 V IS Supply Current No load 14 16 mA ICP Charge Pump Supply Current No load 17 20 mA IPD Power-Down Current ENABLE = 0.4V 0.3 2.5 µA IIN Input Pull-down Current Channel 1, VIN = 0.5V 0.4 4 10 µA IB Input Bias Current Channel 2, VIN = 0.5V, SYNC_IN = 0V -10 -3 10 µA AV DC Gain 1.94 2 2.05 V/V VIN_MAX Max DC Input Range DC-Coupled Input, guaranteed by DC gain test 1.4 V VCLAMPOUT1 Output Sync Tip Clamp Level (Channel 1) VIN 0, AC-coupled input -650 -590 -525 mV VCLAMPOUT2 Keyed Clamp Level (Channel 2) Output level when SYNC_IN = 2.0V -60 -25 0 mV VCLAMPIN Input Clamp Level Input floating 0 30 70 mV VCLAMPIN2 Input Keyed Clamp Level (Channel 2) Input floating, input level when SYNC_IN 2.0V 275 300 375 mV VOS Output Level Shift (Channel 1) VIN0, output shifted relative to input, DC-coupled input -685 -620 -550 mV Output Level Shift (Channel 2) VIN0, output shifted relative to input, DC-coupled input -380 -330 -280 mV |