Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VCKB1111CS-TR Fiches technique(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

No de pièce VCKB1111CS-TR
Description  Lead-free soldering compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Site Internet  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCKB1111CS-TR Fiches technique(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VCKB1111CS-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
VCKB1111CS-TR
1.
Stanley LED Lamps have semiconductor characteristics and are designed to ensure high reliability. However,
the performance may vary depending on usage conditions.
2.
Absolute Maximum Ratings are set to prevent LED lamps from failing due to excess stress (temperature,
current, voltage, etc.). Usage conditions must not exceed the ratings for a moment, nor do reach one item of
absolute maximum ratings simultaneously.
3.
In order to ensure high reliability from LED Lamps, variable factors that arise in actual usage conditions
should be taken it to account for designing. ( Derating of TYP., MAX. forward voltage, etc.)
4.
Please insert Straight Protective Resistors into the circuit in order to stabilize LED operation and to prevent
the device from igniting due to excess current.
5.
Please check the actual performance in the assembly because the Specification Sheets are described for LED
device only.
6.
Please refrain from looking directly at the light source of LED at high output, as it may harm your vision.
7.
The products are designed to operate without failure in recommended usage conditions. However, please take
the necessary precautions to prevent fire, injury, and other damages should any malfunction or failure arise.
8.
The products are manufactured to be used for ordinary electronic equipment. Please contact our sales staff
beforehand when exceptional quality and reliability are required, and the failure or malfunction of the
products might directly jeopardize life or health ( such as for airplanes, aerospace, transport equipment,
medical applications, nuclear reactor control systems and so on).
9.
The formal specification sheets shall be valid only by exchange of documents signed by both parties.
【Other precautions】
Page : 11
2017.9.14
Handling precaution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22