Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A3GJ-99D0-R Fiches technique(PDF) 15 Page - Omron Electronics LLC

No de pièce A3GJ-99D0-R
Description  Lighted and non-lighted/convex versions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3GJ-99D0-R Fiches technique(HTML) 15 Page - Omron Electronics LLC

Back Button A3GJ-99D0-R Datasheet HTML 10Page - Omron Electronics LLC A3GJ-99D0-R Datasheet HTML 11Page - Omron Electronics LLC A3GJ-99D0-R Datasheet HTML 12Page - Omron Electronics LLC A3GJ-99D0-R Datasheet HTML 13Page - Omron Electronics LLC A3GJ-99D0-R Datasheet HTML 14Page - Omron Electronics LLC A3GJ-99D0-R Datasheet HTML 15Page - Omron Electronics LLC A3GJ-99D0-R Datasheet HTML 16Page - Omron Electronics LLC A3GJ-99D0-R Datasheet HTML 17Page - Omron Electronics LLC A3GJ-99D0-R Datasheet HTML 18Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
A3G
A3G
15
s LEGEND PLATES
s
SCREW FITTING
A3G-3004
Note: The plate is 0.6 mm thick and made of polycarbonate resin (IP40) or polyacrylate (IP65).
s PANEL PLUG
Select the plug that fits the panel design and mount from the front of the panel. Panel cutouts are the same as those for switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18