| Moteur de recherche de fiches techniques de composants électroniques |
|
A3GT-99D2-R Fiches technique(PDF) 15 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A3GT-99D2-R Fiches technique(HTML) 15 Page - Omron Electronics LLC |
|
15 / 18 page ![]() A3G A3G 15 s LEGEND PLATES s SCREW FITTING A3G-3004 Note: The plate is 0.6 mm thick and made of polycarbonate resin (IP40) or polyacrylate (IP65). s PANEL PLUG Select the plug that fits the panel design and mount from the front of the panel. Panel cutouts are the same as those for switches. |