| Moteur de recherche de fiches techniques de composants électroniques |
|
A3GT-99C0-R Fiches technique(PDF) 17 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A3GT-99C0-R Fiches technique(HTML) 17 Page - Omron Electronics LLC |
|
17 / 18 page ![]() A3G A3G 17 Mounting After installing the main unit, mount the socket unit on the panel surface. s NUT MOUNTING Insert the switch unit from the front of the panel. Place the lock fitting and mounting nut on the terminal side and tighten the mounting nut. For the IP65 type, use the rubber seal. Align the anti-turn piece with the grooves and insert it so that the edge section faces the panel. Tighten the mounting to a torque of 10 kg-cm or less. s SNAP-IN MOUNTING Fit the spring mounting clip for snap-in mounting to the switch unit. Insert the tab of the spring mounting clip into the two grooves on the threaded part of the switch unit. Note: Be sure to use two spring mounting clips and see that each is firmly inserted into the grooves. Do not use for IP65-type switches. Insert the switch unit from the front of the panel and secure it. s SOCKET MOUNTING Mount the socket to the switch unit. As the socket mounts to the switch unit in only one direction, the white mark on the switch unit and that on the socket must be aligned for mounting. s REMOVING SOCKET Press the Lock button on the socket and pull to remove. Pull straight off when removing the socket. Panel Mountibg nut Groove Lock fitting Edge Spring mounting clip Spring mounting clip Push the tabs of the spring mounting clips firmly into the grooves White mark White mark |