Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX86140 Fiches technique(PDF) 21 Page - Maxim Integrated Products

No de pièce MAX86140
Description  Complete Single and Dual-Channel Optical Data Acquisition System
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX86140 Fiches technique(HTML) 21 Page - Maxim Integrated Products

Back Button MAX86140 Datasheet HTML 17Page - Maxim Integrated Products MAX86140 Datasheet HTML 18Page - Maxim Integrated Products MAX86140 Datasheet HTML 19Page - Maxim Integrated Products MAX86140 Datasheet HTML 20Page - Maxim Integrated Products MAX86140 Datasheet HTML 21Page - Maxim Integrated Products MAX86140 Datasheet HTML 22Page - Maxim Integrated Products MAX86140 Datasheet HTML 23Page - Maxim Integrated Products MAX86140 Datasheet HTML 24Page - Maxim Integrated Products MAX86140 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
Pseudo-Code Example of Reading Data from FIFO
Example pseudo-code for reading data from FIFO when using single photodiode channel and two LED channels.
void device_data_read(void) {
uint8_t sampleCnt;
uint8_t regVal;
uint8_t dataBuf[128*2*3];
//128 FIFO samples, 2 channel, 3 byte/channel
int led1[32];
int led2[32];
ReadReg(0x07, &sampleCnt);
//Read FIFO
ReadFifo(dataBuf, sampleCnt * 3);
int i = 0;
for ( i = 0; i < sampleCnt; i++ ) {
led1[i] = ((dataBuf[i*6+0] << 16 ) | (dataBuf[i*6+1] << 8) | (dataBuf[i*6+2])) &
0x7ffff;
led2[i] = ((dataBuf[i*6+3] << 16 ) | (dataBuf[i*6+4] << 8) | (dataBuf[i*6+5])) &
0x7ffff;
}
}
Example pseudo-code for reading data from FIFO when using dual photodiode channels and two LED channels.
void device_data_read(void) {
uint8_t sampleCnt;
uint8_t regVal;
uint8_t dataBuf[128*2*2*3];
//128 FIFO samples, 2 channel, 2 PD, 3 byte/channel
int led1A[32];
int led1B[32];
int led2A[32];
int led2B[32];
ReadReg(0x07, &sampleCnt);
//Read FIFO
ReadFifo(dataBuf, sampleCnt * 3);
int i = 0;
for ( i = 0; i < sampleCnt; i++ ) {
led1A[i] = ((dataBuf[i*12+0] << 16 ) | (dataBuf[i*12+1] << 8) | (dataBuf[i*12+2])) &
0x7ffff;
// LED1, PD1
led1B[i] = ((dataBuf[i*12+3] << 16 ) | (dataBuf[i*12+4] << 8) | (dataBuf[i*12+5])) &
0x7ffff;
// LED1, PD2
led2A[i] = ((dataBuf[i*12+6] << 16 ) | (dataBuf[i*12+7] << 8) | (dataBuf[i*12+8])) &
0x7ffff;
// LED2, PD1
led2B[i] = ((dataBuf[i*12+9] << 16 ) | (dataBuf[i*12+10] << 8) | (dataBuf[i*12+11]))
& 0x7ffff;
// LED2, PD2
}
}
www.maximintegrated.com
Maxim Integrated │ 21
MAX86140/
MAX86141
Best-in-Class Optical Pulse Oximeter and
Heart-Rate Sensor for Wearable Health



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89