| Moteur de recherche de fiches techniques de composants électroniques |
|
GM126401SFAYA-R1 Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GM126401SFAYA-R1 Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 21 page ![]() Confidential Document Page: 13 / 21 DISPLAY CONTROL INSTRUCTION The display control instructions control the internal state of the KS0108B . Instruction is received from MPU to KS0108B for the display control. The following table shows various instructions. Instruction RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Function Display ON/OFF L L L L H H H H H L/H Controls the display on or off. Internal status and display RAM data is not affected. L : OFF, H : ON Set Address L L L H Y address (0-63) Sets the Y address in the Y address counter. Set Page (X address) L L H L H H H Page (0-7) Sets the X address at the X address counter. Display Start Line L L H H Display start line (0-63) Indicates the display data RAM displayed at the top of the screen Status Read L H B U S Y L ON / OFF R E S E T L L L L Read status. BUSY L: Ready H: In operation ON/OFF L: Display ON H: Display OFF RESET L: Normal H: Reset Write Display Data H L Write Data Writes data (DB0:7)into display data RAM. After writing instruction, Y address is increased by 1 automatically. Read Display Data H H Read Data Read data (DB0:7) from display data RAM to the data bus. |