| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8215WYRZ-R7 Fiches technique(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8215WYRZ-R7 Fiches technique(HTML) 5 Page - Analog Devices |
|
5 / 13 page ![]() Data Sheet AD8215 Rev. B | Page 5 of 13 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 5 1 2 5 6 8 Figure 2. Metallization Diagram –IN 1 GND 2 NC 3 NC 4 +IN 8 NC 7 V+ 6 OUT 5 NC = NO CONNECT AD8215 TOP VIEW (Not to Scale) Figure 3. Pin Configuration Table 3. Pin Function Descriptions Pin No. Mnemonic X Y Description 1 −IN −228 +519 Inverting Input 2 GND −273 −251 Ground 3, 4, 7 NC Not applicable Not applicable No Connect 5 OUT +265 −466 Buffered Output 6 V+ +273 −266 Supply 8 +IN +229 +519 Noninverting Input |