| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8212YRMZ-R7 Fiches technique(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8212YRMZ-R7 Fiches technique(HTML) 12 Page - Analog Devices |
|
12 / 13 page ![]() AD8212 Data Sheet Rev. C | Page 12 of 13 BIDIRECTIONAL CURRENT SENSING The AD8212 is a unidirectional current sensing device. Therefore, in power management applications where both the charge and load currents must be monitored, two devices can be used and connected as shown in Figure 27. In this case, VOUT1 increases as ILOAD flows through the shunt resistor. VOUT2 increases when ICHARGE flows through the input shunt resistor. VOUT1 ILOAD ROUT1 IOUT COM BIAS ALPHA IOUT VSENSE VSENSE V+ V+ COM BIAS ALPHA AD8212 RSHUNT OUTPUT CURRENT COMPENSATION ICHARGE VOUT2 ROUT2 AD8212 OUTPUT CURRENT COMPENSATION BIAS CIRCUIT BIAS CIRCUIT 8 8 6 3 2 5 6 3 2 5 1 1 Figure 27. Bidirectional Current Sensing |