Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM78P568 Fiches technique(PDF) 55 Page - ELAN Microelectronics Corp

No de pièce EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Fiches technique(HTML) 55 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 59Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
50
01/31/2004
V4.7
VII.13 Programming tone generators
N-R
resistor
string
Tone 1
analog
multiplexer
Tone 2
analog
multiplexer
Tone 2
programmable counter
Tone 1
programmable counter
TONE
Buffer
Buffer
Mixer
fi
fs2
T2Mux
control
T1Mux
control
fs1
(output inverse)
Vref2
Vref2
Vref2
Reference
voltage
Vref1
Vref1
Vref2
VT
fs1 = fi / N1,
fs2 = fi / N2
N2
N1
fT1 = fi / N1 / N,
tone1 output frequency
fT2 = fi / N2 / N,
tone2 output frequency
T27 ~ T20
T1A ~ T10
Name
Register bit location
T1A ~ T18 IOCE PAGE0 bit 2 ~ 0
T17 ~ T10
IOCD PAGE0 bit 7 ~ 0
T27 ~ T20
IOCA PAGE0 bit 7 ~ 0
Fig.23 Programming tone generator
Programming tone generators is an universal dual tone generators. It includes Tone 1 and Tone 2 generators which
can be combines as dual tones output or either one tone output. The clock source fi is come from PLL and divided
to required ratio. Tone 1 and Tone 2 are sinewave output. The programming tone generators consists of Tone 1/2
programmable counters, analog multiplexer, N-R resistor string, output buffers, mixer amplifier and reference
voltage. N-R resistor is a voltage divider which has different output levels. By programmable counters and analog
multiplexer, the hardware will automatically generate individual divider output with circular order back and forth.
The output frequency will be 119957/N1 for Tone 1 and 11.957/N2 for Tone 2, where N1 is 11-bit T1A ~ T10 and
N2 is 8-bit T17 ~ T10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61