Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F6014 Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce DSPIC30F6014
Description  High Performance Digital Signal Controllers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6014 Fiches technique(HTML) 11 Page - Microchip Technology

Back Button DSPIC30F6014 Datasheet HTML 7Page - Microchip Technology DSPIC30F6014 Datasheet HTML 8Page - Microchip Technology DSPIC30F6014 Datasheet HTML 9Page - Microchip Technology DSPIC30F6014 Datasheet HTML 10Page - Microchip Technology DSPIC30F6014 Datasheet HTML 11Page - Microchip Technology DSPIC30F6014 Datasheet HTML 12Page - Microchip Technology DSPIC30F6014 Datasheet HTML 13Page - Microchip Technology DSPIC30F6014 Datasheet HTML 14Page - Microchip Technology DSPIC30F6014 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 222 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS70117C-page 9
dsPIC30F6011/6012/6013/6014
FIGURE 1-2:
dsPIC30F6013/6014 BLOCK DIAGRAM
AN8/RB8
AN9/RB9
AN10/RB10
AN11/RB11
Power-up
Timer
Oscillator
Start-up Timer
POR/BOR
Reset
Watchdog
Timer
Instruction
Decode &
Control
OSC1/CLKI
MCLR
VDD, VSS
AN4/CN6/RB4
AN12/RB12
AN13/RB13
AN14/RB14
AN15/OCFB/CN12/RB15
Low Voltage
Detect
UART1,
INT4/RA15
INT3/RA14
VREF+/RA10
VREF-/RA9
CAN2
Timing
Generation
CAN1,
AN5/CN7/RB5
16
PCH
PCL
Program Counter
ALU<16>
16
24
24
24
24
X Data Bus
IR
I2C
DCI
AN6/OCFA/RB6
AN7/RB7
PCU
12-bit ADC
Timers
SCK2/CN8/RG6
SDI2/CN9/RG7
SDO2/CN10/RG8
SS2/CN11/RG9
U2TX/CN18/RF5
EMUC3/SCK1/INT0/RF6
SDI1/RF7
EMUD3/SDO1/RF8
Input
Capture
Module
Output
Compare
Module
EMUC1/SOSCO/T1CK/CN0/RC14
EMUD1/SOSCI/CN1/RC13
T4CK/RC3
T2CK/RC1
PORTB
C1RX/RF0
C1TX/RF1
U1RX/RF2
U1TX/RF3
C2RX/RG0
C2TX/RG1
SCL/RG2
SDA/RG3
PORTG
PORTD
16
16
16
16 x 16
W Reg Array
Divide
Unit
Engine
DSP
Decode
ROM Latch
16
Y Data Bus
Effective Address
X RAGU
X WAGU
Y AGU
PGD/EMUD/AN0/CN2/RB0
PGC/EMUC/AN1/CN3/RB1
AN2/SS1/LVDIN/CN4/RB2
AN3/CN5/RB3
OSC2/CLKO/RC15
U2RX/CN17/RF4
AVDD, AVSS
UART2
SPI2
16
16
16
16
16
PORTA
PORTC
PORTF
16
16
16
16
8
Interrupt
Controller
PSV & Table
Data Access
Control Block
Stack
Control
Logic
Loop
Control
Logic
Data Latch
Data Latch
Y Data
(4 Kbytes)
RAM
X Data
(4 Kbytes)
RAM
Address
Latch
Address
Latch
Control Signals
to Various Blocks
EMUC2/OC1/RD0
EMUD2/OC2/RD1
OC3/RD2
OC4/RD3
OC5/CN13/RD4
OC6/CN14/RD5
OC7/CN15/RD6
OC8/CN16/RD7
IC1/RD8
IC2/RD9
IC3/RD10
IC4/RD11
IC5/RD12
IC6/CN19/RD13
IC7/CN20/RD14
IC8/CN21/RD15
16
CSDI/RG12
CSDO/RG13
CSCK/RG14
COFS/RG15
T3CK/RC2
SPI1,
INT1/RA12
INT2/RA13
CN23/RA7
CN22/RA6
T5CK/RC4
Address Latch
Program Memory
(144 Kbytes)
Data Latch
Data EEPROM
(4 Kbytes)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More