Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM5806 Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers

No de pièce DM5806
Description  DM5806 DATA MODULE DIGITAL I/O BOARD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

DM5806 Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DM5806 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
1-1
CHAPTER 1
BOARD SETTINGS
The DM5806 board has jumper and switch settings you can
change if necessary for your application. The board is factory-
configured with the most often used settings. The factory settings
are listed and shown on a diagram in the beginning of this chapter.
Should you need to change these settings, use these easy-to-follow
instructions before you install the board in your computer.
Note that DIP switch S2 has been provided to bypass the
Port C buffers and allow Mode 1 operation of the 8255.
Also note that by installing resistor packs at four locations near
the 8255 PPI and soldering jumpers in the desired locations in the
associated pads, you can configure your digital I/O lines to be
pulled up or pulled down. This procedure is explained at the end of
this chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64