Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV70W Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce BAV70W
Description  DUAL SURFACE MOUNT SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV70W Fiches technique(HTML) 4 Page - Diodes Incorporated

  BAV70W Datasheet HTML 1Page - Diodes Incorporated BAV70W Datasheet HTML 2Page - Diodes Incorporated BAV70W Datasheet HTML 3Page - Diodes Incorporated BAV70W Datasheet HTML 4Page - Diodes Incorporated BAV70W Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BAV70W
Document number: DS30063 Rev. 11 - 2
4 of 5
www.diodes.com
May 2017
© Diodes Incorporated
BAV70W
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
a
E1
E
F
e1
b
L
c
e
A2
A1
D
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
Y1
G
Y
X
C
SOT323
Dim
Min
Max
Typ
A1
0.00
0.10
0.05
A2
0.90
1.00
0.95
b
0.25
0.40
0.30
c
0.10
0.18
0.11
D
1.80
2.20
2.15
E
2.00
2.20
2.10
E1
1.15
1.35
1.30
e
0.650 BSC
e1
1.20
1.40
1.30
F
0.375 0.475
0.425
L
0.25
0.40
0.30
a
0
°
8
°
--
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.650
G
1.300
X
0.470
Y
0.600
Y1
2.500



Html Pages

1 2 3 4 5