Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV70LP Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce BAV70LP
Description  DUAL SURFACE MOUNT SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV70LP Fiches technique(HTML) 4 Page - Diodes Incorporated

  BAV70LP_16 Datasheet HTML 1Page - Diodes Incorporated BAV70LP_16 Datasheet HTML 2Page - Diodes Incorporated BAV70LP_16 Datasheet HTML 3Page - Diodes Incorporated BAV70LP_16 Datasheet HTML 4Page - Diodes Incorporated BAV70LP_16 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BAV70LP
Document number: DS31597 Rev. 5 - 2
4 of 5
www.diodes.com
April 2016
© Diodes Incorporated
BAV70LP
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1006-3
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1006-3
X1-DFN1006-3
Dim
Min
Max Typ
A
0.47 0.53 0.50
A1
0.00 0.05 0.03
b
0.10 0.20 0.15
b2
0.45 0.55 0.50
D
0.95 1.075 1.00
E
0.55 0.675 0.60
e
–
–
0.35
L1
0.20 0.30 0.25
L2
0.20 0.30 0.25
L3
–
–
0.40
z
0.02 0.08 0.05
All Dimensions in mm
Dimensions
Value (in mm)
C
0.70
G1
0.30
G2
0.20
X
0.40
X1
1.10
Y
0.25
Y1
0.70
L3
L1
L2
e
b
D
E
A
z
b2
A1
Seating Plane
Pin #1 ID
C
Y1
X1
X
G2
Y
G1



Html Pages

1 2 3 4 5