Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5530A Fiches technique(PDF) 91 Page - Advanced Micro Devices

No de pièce CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Fiches technique(HTML) 91 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 87Page - Advanced Micro Devices CS5530A Datasheet HTML 88Page - Advanced Micro Devices CS5530A Datasheet HTML 89Page - Advanced Micro Devices CS5530A Datasheet HTML 90Page - Advanced Micro Devices CS5530A Datasheet HTML 91Page - Advanced Micro Devices CS5530A Datasheet HTML 92Page - Advanced Micro Devices CS5530A Datasheet HTML 93Page - Advanced Micro Devices CS5530A Datasheet HTML 94Page - Advanced Micro Devices CS5530A Datasheet HTML 95Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
91
PC/AT Compatibility Logic
Revision 1.1
4.5.2.1
Delayed PCI Transactions
If PCI delayed transactions are enabled (F0 Index 42h[5] =
1) multiple PCI cycles occur for every slower ISA cycle. Fig-
ure 4-9 shows the relationship of PCI cycles to an ISA
cycle with PCI delayed transactions enabled.
See Section 4.2.6 "Delayed Transactions" on page 54 for
additional information.
Figure 4-9. PCI to ISA Cycles with Delayed Transaction Enabled
REQ#
GNT#
FRAME#
IRDY#
TRDY#
STOP#
IOR#
BALE
PCI
1
1
1
1
1 - Delay
2
3
2 - IDE bus master - starts and completes
3 - End of ISA cycle
ISA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More