Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT89C51ED2-RDTIM Fiches technique(PDF) 48 Page - ATMEL Corporation

No de pièce AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Fiches technique(HTML) 48 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 44Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 45Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 46Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 47Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 48Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 49Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 50Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 51Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 137 page
background image
48
AT89C51RD2/ED2
4235E–8051–04/04
The first two options are more reliable because the watchdog timer is never disabled as
in option #3. If the program counter ever goes astray, a match will eventually occur and
cause an internal reset. The second option is also not recommended if other PCA mod-
ules are being used. Remember, the PCA timer is the time base for all modules;
changing the time base for other modules would not be a good idea. Thus, in most appli-
cations the first solution is the best option.
This watchdog timer won’t generate a reset out on the reset pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More