Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EB-ASG101-2000 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce EB-ASG101-2000
Description  DC-3000 MHz SiGe HBT Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

EB-ASG101-2000 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  EB-ASG101-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
www.ASB.co.kr
March. 2004
a
Function
Pin No.
Input
1
Ground
2
Output
3
(Unit: mm)
ASG101
Outline Drawing
Pin Description
(Unit: mm)
1
2
3
2
Mounting Configuration
Note: 1. The number and size of ground via holes in a circuit board is critical for thermal
and RF grounding considerations.
2. We recommend that the ground via holes be placed on the bottom of lead pin 2
for better RF and thermal performance, as shown in the drawing at the left side.
Land Pattern



Html Pages

1 2 3 4 5 6