Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M25P40VMP6T Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce M25P40VMP6T
Description  512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40VMP6T Fiches technique(HTML) 3 Page - STMicroelectronics

  M25P40VMP6T Datasheet HTML 1Page - STMicroelectronics M25P40VMP6T Datasheet HTML 2Page - STMicroelectronics M25P40VMP6T Datasheet HTML 3Page - STMicroelectronics M25P40VMP6T Datasheet HTML 4Page - STMicroelectronics M25P40VMP6T Datasheet HTML 5Page - STMicroelectronics M25P40VMP6T Datasheet HTML 6Page - STMicroelectronics M25P40VMP6T Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
M25PXX
Figure 5. Block Diagram
AI10261
HOLD
S
W
Control Logic
High Voltage
Generator
I/O Shift Register
Address Register
and Counter
256 Byte
Data Buffer
256 Bytes (Page Size)
X Decoder
Size of the
read-only
memory area
C
D
Q
Status
Register
00000h
Top of Address Space
000FFh



Html Pages

1 2 3 4 5 6 7