| Moteur de recherche de fiches techniques de composants électroniques |
|
STSR30 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSR30 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 10 page ![]() STSR30 6/10 Figure 3 : STSR30 SYNCHRONIZATION TECHNIQUE The synchronization is based on the revelation of the low level of the drain voltage of the synchronous rectifier. To avoid false triggering of the device during discontinuous mode, it is important that the lowest level of the ringing must be higher than the Ck threshold. Diode D3 and resistor R3 keep the Ck signal to high level even during the ringing. OUTGate is the complementary signal of the Ck with proper dead time setting to avoid cross-conduction. Figure 4 : INHIBIT OPERATION OF OUTGATE IN DISCONTINUOUS CONDUCTION MODE |