| Moteur de recherche de fiches techniques de composants électroniques |
|
STM1001 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1001 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 13 page ![]() 3/13 STM1001 SUMMARY DESCRIPTION The STM1001 MICROPROCESSOR RESET Cir- cuit is a low-power supervisory device used to monitor power supplies. It performs a single func- tion: asserting a reset signal whenever the VCC supply voltage drops below a preset value and keeping it asserted until VCC has risen above the preset threshold for a minimum period of time (trec). Figure 4. Block Diagram Note: 1. Open Drain Figure 5. Hardware Hookup Note: 1. RST output requires pull-up resistor. AI09118 COMPARE VRST VCC trec Generator RST (1) AI09119 VCC VSS VCC MCU STM1001 RST (1) VCC VSS RESET Input (1) |