Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CGS Fiches technique(PDF) 6 Page - Cornell Dubilier Electronics

No de pièce CGS
Description  High-Cap Screw Terminal Aluminum Electrolytic Capacitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDE [Cornell Dubilier Electronics]
Site Internet  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CGS Fiches technique(HTML) 6 Page - Cornell Dubilier Electronics

  CGS Datasheet HTML 1Page - Cornell Dubilier Electronics CGS Datasheet HTML 2Page - Cornell Dubilier Electronics CGS Datasheet HTML 3Page - Cornell Dubilier Electronics CGS Datasheet HTML 4Page - Cornell Dubilier Electronics CGS Datasheet HTML 5Page - Cornell Dubilier Electronics CGS Datasheet HTML 6Page - Cornell Dubilier Electronics CGS Datasheet HTML 7Page - Cornell Dubilier Electronics CGS Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CGS High-Cap Screw Terminal Aluminum Electrolytic Capacitor
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
(µF)
(Ω)
(A) RMS
Dia.
Length
(Inches) (Inches)
300 WVdc ( 350 Vdc Surge )
3,800 CGS382T300V5L
0.030
9.0
4,000 CGS402T300X5L
0.058
8.3
4,100 CGS412T300W4C 0.027
9.6
2.000
5.625
3.000
5.625
2.500
4.125
6,000 CGS602T300X8L
0.022
15.9
6,200 CGS622T300W5L 0.029
10.6
6,300 CGS632T300W5L 0.018
13.3
3.000
8.625
3.000
4.125
2.500
5.625
8,300 CGS832T300X5C 0.022
13.1
9,400 CGS942T300X5L
0.019
14.4
10,000 CGS103T300X5R 0.018
14.9
15,000 CGS153T300X8L
0.015
19.8
3.000
5.125
3.000
5.625
3.000
5.875
3.000
8.625
350 WVdc ( 400 Vdc Surge )
130 CGS131T350R2C 0.683
1.0
250 CGS251T350R3C 0.478
1.4
330 CGS331T350R2C 0.297
1.6
1.375
2.125
1.375
3.125
1.375
2.125
380 CGS381T350R4C 0.318
2.0
480 CGS481T350R2L 0.206
2.0
620 CGS621T350R3C 0.158
2.5
1.375
4.125
1.375
2.625
1.375
3.125
650 CGS651T350V3C 0.212
2.7
800 CGS801T350V4C 0.170
3.4
920 CGS921T350R4C 0.108
3.4
2.000
3.125
2.000
4.125
1.375
4.125
1,000 CGS102T350R4C 0.111
3.3
1,000 CGS102T350V2L
0.145
3.0
1,000 CGS102T350V4C 0.140
3.7
1.375
4.125
2.000
2.625
2.000
4.125
1,300 CGS132T350V3C 0.085
4.3
1,300 CGS132T350V5L
0.108
4.8
1,400 CGS142T350R5L 0.074
4.7
2.000
3.125
2.000
5.625
1.375
5.625
1,500 CGS152T350U4C 0.068
4.9
1,500 CGS152T350W4C 0.123
4.5
1,600 CGS162T350V4C 0.099
5.2
1.750
4.125
2.500
4.125
2.000
4.125
1,900 CGS192T350V4C 0.056
5.9
2,100 CGS212T350X4C 0.067
5.4
2,200 CGS222T350W5L 0.063
7.2
2.000
4.125
3.000
4.125
2.500
5.625
2,400 CGS242T350V4L
0.061
5.8
2,400 CGS242T350V5L
0.040
7.9
2,700 CGS272T350W3L 0.058
6.3
2.000
4.625
2.000
5.625
2.000
3.625
2,900 CGS292T350V5L
0.037
8.0
3,000 CGS302T350X5R 0.048
9.3
3,200 CGS322T350W4C 0.039
8.0
2.000
5.625
3.000
5.875
2.500
4.125
3,300 CGS332T350V5L
0.038
8.1
3,300 CGS332T350X5L
0.044
9.5
3,400 CGS342T350X5L
0.043
9.6
2.000
5.625
3.000
5.625
3.000
5.625
3,800 CGS382T350W4L 0.042
8.1
4,000 CGS402T350X3L
0.045
8.0
4,200 CGS422T350X4C 0.035
9.4
2.500
4.625
3.000
3.625
3.000
4.125
4,800 CGS482T350W5L 0.026
11.1
6,300 CGS632T350X5L
0.025
12.7
6,400 CGS642T350X5C 0.025
12.2
2.500
5.625
3.000
5.625
3.000
5.125
7,200 CGS722T350X5L
0.022
13.3
7,300 CGS732T350X5L
0.022
11.7
7,900 CGS792T350X5R 0.020
13.9
3.000
5.625
3.000
5.625
3.000
5.875
10,000 CGS103T350X8L
0.021
16.6
12,000 CGS123T350X8L
0.017
18.4
3.000
8.625
3.000
8.625
400 WVdc ( 450 Vdc Surge )
290 CGS291T400R2C 0.320
1.5
420 CGS421T400R2L 0.222
2.0
550 CGS551T400R3C 0.170
2.4
1.375
2.125
1.375
2.625
1.375
3.125
780 CGS781T400V4C 0.114
4.1
810 CGS811T400R4C 0.116
3.3
1,100 CGS112T400V3C 0.091
4.1
2.000
4.125
1.375
4.125
2.000
3.125
1,200 CGS122T400R5L 0.079
4.6
1,300 CGS132T400U4C 0.073
4.7
1.375
5.625
1.750
4.125
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
(µF)
(Ω)
(A) RMS
Dia.
Length
(Inches) (Inches)
200 WVdc (250 Vdc Surge )
14,000 CGS143T200X5L
0.015
16.1
16,000 CGS163T200X5C 0.015
15.6
3
5.625
3
5.125
18,000 CGS183T200X5L
0.016
15.9
19,000 CGS193T200X5R
0.011
19.1
25,000 CGS253T200X8L
0.015
19.9
30,000 CGS303T200X8L
0.011
22.7
3
5.625
3
5.875
3
8.625
3
8.625
250 WVdc (300 Vdc Surge )
200 CGS201T250R2C 0.241
1.7
250 CGS251T250R2C 0.278
1.6
470 CGS471T250R3C 0.439
1.5
1.375
2.125
1.375
2.125
1.375
3.125
550 CGS551T250R4C 0.098
3.6
620 CGS621T250R2C 0.137
2.3
720 CGS721T250R4C 0.110
3.4
1.375
4.125
1.375
2.125
1.375
4.125
900 CGS901T250R2L
0.095
3.0
1,000 CGS102T250R5L
0.078
4.6
1,200 CGS122T250R3C 0.073
3.7
1.375
2.625
1.375
5.625
1.375
3.125
1,200 CGS122T250V3C 0.080
4.4
1,700 CGS172T250R4C 0.050
5.0
1,700 CGS172T250V2L
0.070
4.4
2.000
3.125
1.375
4.125
2.000
2.625
1,700 CGS172T250V4C 0.057
5.8
1,900 CGS192T250V5L
0.105
4.9
1,900 CGS192T250W4C 0.078
6.6
2.000
4.125
2.000
5.625
2.500
4.125
2,500 CGS252T250V5L
0.041
7.8
2,600 CGS262T250R5L
0.035
6.9
2,800 CGS282T250V4C 0.046
6.5
2.000
5.625
1.375
5.625
2.000
4.125
2,900 CGS292T250V3L
0.041
6.5
2,900 CGS292T250W4L 0.043
8.0
2,900 CGS292T250X4C 0.050
8.0
2.000
3.625
2.500
4.625
3.000
4.125
3,100 CGS312T250U4C 0.030
7.3
3,700 CGS372T250V4C 0.027
8.4
4,100 CGS412T250V4L
0.029
8.5
1.750
4.125
2.000
4.125
2.000
4.625
4,100 CGS412T250V5L
0.021
10.7
4,200 CGS422T250W5L 0.023
11.9
5,600 CGS562T250V5L
0.019
11.3
2.000
5.625
2.500
5.625
2.000
5.625
6,000 CGS602T250V5L
0.022
10.1
6,000 CGS602T250W4C 0.022
10.6
6,000 CGS602T250X5L
0.047
9.2
2.000
5.625
2.500
4.125
3.000
5.625
7,200 CGS722T250X4C 0.023
11.7
7,400 CGS742T250X3L
0.026
10.5
9,000 CGS902T250W5L 0.016
10.4
3.000
4.125
3.000
3.625
2.500
5.625
9,200 CGS922T250W5L 0.015
14.6
10,000 CGS103T250X4L
0.020
13.0
10,000 CGS103T250X5L
0.016
15.6
2.500
5.625
3.000
4.625
3.000
5.625
12,000 CGS123T250X5C 0.017
14.6
13,000 CGS133T250X5L
0.017
14.0
14,000 CGS143T250X5L
0.013
17.3
3.000
5.125
3.000
5.625
3.000
5.625
15,000 CGS153T250X5R 0.013
17.9
19,000 CGS193T250X8L
0.016
18.8
22,000 CGS223T250X8L
0.010
23.8
3.000
5.875
3.000
8.625
3.000
8.625
300 WVdc (350 Vdc Surge )
430 CGS431T300R2C 0.228
1.8
620 CGS621T300R2L
0.158
2.3
810 CGS811T300R3C
0.122
2.9
1.375
2.125
1.375
2.625
1.375
3.125
1,200 CGS122T300R4C 0.083
3.9
1,500 CGS152T300W4C 0.107
4.9
1,600 CGS162T300V3C 0.067
4.8
1.375
4.125
2.500
4.125
2.000
3.125
1,800 CGS182T300R5L
0.057
5.4
2,000 CGS202T300U4C 0.053
5.5
2,500 CGS252T300V4C 0.044
6.6
3,500 CGS352T300X5L
0.066
7.8
1.375
5.625
1.750
4.125
2.000
4.125
3.000
5.625



Html Pages

1 2 3 4 5 6 7 8