| Moteur de recherche de fiches techniques de composants électroniques |
|
45103C Fiches technique(PDF) 3 Page - Murata Power Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
45103C Fiches technique(HTML) 3 Page - Murata Power Solutions Inc. |
|
3 / 3 page ![]() KMP_4500C_B03 Page 3 of 3 4500 Series Shielded Surface Mount Power Inductors Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. © 2011 Murata Power Solutions, Inc. Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. ISO 9001 and 14001 REGISTERED www.murata-ps.com/support TAPE & REEL SPECIFICATIONS REEL OUTLINE DIMENSIONS TAPE OUTLINE DIMENSIONS 22.4 (0.882) Max.† 15.9-19.4* (0.626-0.764) 16.3-16.7 (0.642-0.657)† 13.50 12.50 0.531 0.492 ØØ 1.50 (0.059) Min. 49.75 (1.96) Min. Ø21.1 (Ø0.83) Min. 100 (3.937) Min. Leader Section 400 (15.748) Min. Goods Enclosure Section Trailer Section 160 (6.299) Min. Ø331 (13.031) Max. DIRECTION OF UNREELING 12.0 (0.472) 4.0 (0.157) 2.0 (0.079) Ø1.5 (0.06) 0.4 (0.016) 3.4 (0.134) All dimensions in mm (inches) * Includes flange distortion at outer edge † Measured at hub All dimensions in mm (inches) Reel quantity: 1000 |