Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR10E03XR Fiches technique(PDF) 3 Page - Crydom Inc.,

No de pièce DR10E03XR
Description  DIN Rail Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CRYDOM [Crydom Inc.,]
Site Internet  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR10E03XR Fiches technique(HTML) 3 Page - Crydom Inc.,

  DR10E03XR Datasheet HTML 1Page - Crydom Inc., DR10E03XR Datasheet HTML 2Page - Crydom Inc., DR10E03XR Datasheet HTML 3Page - Crydom Inc., DR10E03XR Datasheet HTML 4Page - Crydom Inc., DR10E03XR Datasheet HTML 5Page - Crydom Inc., DR10E03XR Datasheet HTML 6Page - Crydom Inc., DR10E03XR Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Datasheet
DIN Rail Mount
MECHANICAL SPECIFICATIONS (2)
EQUIVALENT CIRCUIT BLOCK DIAGRAMS/WIRING DIAGRAMS
AC
AC
AC
Trigger
Circuit
AC
A
A
B
B
AC/DC
Converter
-DC
+DC
+
AC
Trigger
Circuit
AC
Visible
LED
Visible
LED
LOAD
LOAD
+3/A1
3/A1
-4/A1
-4/A1
2/T1
1/L1
LOAD
LOAD
2/T1
1/L1
A
B
-VDC
+VDC
LOAD
LOAD
2/T1
1/L1
Current
Limiter
-DC
+DC +3/A1
-4/A1
Control
Circuit
Load can be wired in position A or B
(A) Load can be wired in position A or B
(A)
(A)
(A) (B)
(B) Inductive loads must be diode supressed to prevent damage to SSR



Html Pages

1 2 3 4 5 6 7