Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR10D03XR Fiches technique(PDF) 4 Page - Crydom Inc.,

No de pièce DR10D03XR
Description  DIN Rail Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CRYDOM [Crydom Inc.,]
Site Internet  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR10D03XR Fiches technique(HTML) 4 Page - Crydom Inc.,

  DR10D03XR Datasheet HTML 1Page - Crydom Inc., DR10D03XR Datasheet HTML 2Page - Crydom Inc., DR10D03XR Datasheet HTML 3Page - Crydom Inc., DR10D03XR Datasheet HTML 4Page - Crydom Inc., DR10D03XR Datasheet HTML 5Page - Crydom Inc., DR10D03XR Datasheet HTML 6Page - Crydom Inc., DR10D03XR Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DataSheet
DIN Rail Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
THERMAL DERATE INFORMATION
Rev 052516
3
2
1
10
0
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
DRxxx03X
Single and multiple units
AGENCY APPROVALS
II 3G Ex nA IIC T4 Gc
E364559
IND. CONT. EQ.
4WB8
Agency Approvals
Derating Curves are not approved for the ATEX Certification



Html Pages

1 2 3 4 5 6 7