| Moteur de recherche de fiches techniques de composants électroniques |
|
DR10D03X Fiches technique(PDF) 4 Page - Crydom Inc., |
|
|
|||||||||||||||||||||||||||||
DR10D03X Fiches technique(HTML) 4 Page - Crydom Inc., |
|
4 / 7 page ![]() DataSheet DIN Rail Mount Do not forget to visit us at: www.crydom.com Copyright © 2017 Crydom Inc. Specifications subject to change without notice. THERMAL DERATE INFORMATION Rev 052516 3 2 1 10 0 20 30 40 50 60 70 80 0 Ambient Temperature (ºC) DRxxx03X Single and multiple units AGENCY APPROVALS II 3G Ex nA IIC T4 Gc E364559 IND. CONT. EQ. 4WB8 Agency Approvals Derating Curves are not approved for the ATEX Certification |