| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS94229 Fiches technique(PDF) 7 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS94229 Fiches technique(HTML) 7 Page - Integrated Circuit Systems |
|
7 / 17 page ![]() 7 ICS94229 Advance Information Third party brands and names are the property of their respective owners. Byte 1: CPU, Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B1 4 , 2 41 0 C K L C U P C , 0 T K L C U P C 6 t i B8 3 , 9 31 0 C S C _ K L C U P C , 0 T S C _ K L C U P C 5 t i B6 1 z H M 8 4 4 t i B7 1 z H M 8 4 _ 4 2 3 t i B- 1 ) k c a b d a e r ( 0 S F 2 t i B8 21 2 P G A 1 t i B7 21 1 P G A 0 t i B6 21 0 P G A Byte 2: PCI, Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B0 21 7 K L C I C P 6 t i B8 11 6 K L C I C P 5 t i B7 11 5 K L C I C P 4 t i B6 11 4 K L C I C P 3 t i B4 11 3 K L C I C P 2 t i B3 11 2 K L C I C P 1 t i B1 11 1 K L C I C P 0 t i B0 11 0 K L C I C P Notes: 1. Inactive means outputs are held LOW and are disabled from switching. 2. Watch dog timer is enabled or disabled via latch input WDEN during power up. User can change watch dog state with Byte 4 bit 7 after power up condition is established. Byte 4: Watch Dog Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 0 ) k c a b d a e r ( # 8 4 _ 4 2 L E S 6 t i B- 0 ) k c a b d a e r ( 3 S F 5 t i B- 0 : s u t a t s g o d h c t a W m r a l A = 1 l a m r o N = 0 4 t i B- 1 1 B S S 3 t i B- 1 3 S F 2 t i B- 1 2 S F 1 t i B- 1 1 S F 0 t i B- 0 0 S F Byte 5: Vendor Specific Feature, Active/Inactive Register (1= enable, 0 = disable) Byte 3: PCI, REF, Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B9 1 F _ K L C I C P 6 t i B2 21 E _ 9 K L C I C P 5 t i B- 1 ) k c a b d a e r ( 1 S F 4 t i B1 21 8 K L C I C P 3 t i B6 41 F _ F E R 2 t i B- 1 ) k c a b d a e r ( 2 S F 1 t i B7 41 1 F E R 0 t i B8 41 0 F E R T I B# N I PD W PN O I T P I R C S E D 7 t i B- 0 D I e c i v e D 6 t i B- 0 5 t i B- 0 4 t i B- 1 3 t i B- 0 D I r o d n e V 2 t i B- 0 1 t i B- 0 0 t i B- 1 Byte 6: Vendor ID1 , Active/Inactive Register (1= enable, 0 = disable) Note: Don’t write into this register, writing into this register can cause malfunction T I B# N I PD W PN O I T P I R C S E D 7 t i B- 0 e l b a n e g o d h c t a W p o t s : 0 t r a t s : 1 6 t i B- 0 e l b a n e m a r g o r p N / M 5 t i B- 0 f o n o i t a t n e s e r p e r l a m i c e d e h T s m 0 9 2 o t d n o p s e r r o c s t i b 8 e s e h t l l i w r e m i t g o d h c t a w e h t s m 1 r o e d o m m r a l a o t s e o g t i e r o f e b t i a w e f a s e h t o t y c n e u q e r f e h t t e s e r d n a X 4 s i p u r e w o p t a t l u a f e D . g n i t t e s . s d n o c e s 3 . 2 = s m 0 8 5 4 t i B- 0 3 t i B- 0 2 t i B- 1 1 t i B- 0 0 t i B- 0 |