Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDS640G Fiches technique(PDF) 38 Page - SPANSION

No de pièce AM29BDS640G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS640G Fiches technique(HTML) 38 Page - SPANSION

Back Button AM29BDS640G Datasheet HTML 34Page - SPANSION AM29BDS640G Datasheet HTML 35Page - SPANSION AM29BDS640G Datasheet HTML 36Page - SPANSION AM29BDS640G Datasheet HTML 37Page - SPANSION AM29BDS640G Datasheet HTML 38Page - SPANSION AM29BDS640G Datasheet HTML 39Page - SPANSION AM29BDS640G Datasheet HTML 40Page - SPANSION AM29BDS640G Datasheet HTML 41Page - SPANSION AM29BDS640G Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
36
Am29BDS640G
25903C1 October 1, 2003
Prelimin ary
To resume the sector erase operation, the system must write the Erase Resume
command. The bank address of the erase-suspended bank is required when writ-
ing this command. Further writes of the Resume command are ignored. Another
Erase Suspend command can be written after the chip has resumed erasing.
Note: See Table 13 for program command sequence.
Figure 3. Program Operation
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65