| Moteur de recherche de fiches techniques de composants électroniques |
|
VSC7940 Fiches technique(PDF) 15 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7940 Fiches technique(HTML) 15 Page - Vitesse Semiconductor Corporation |
|
15 / 16 page ![]() VITESSE SEMICONDUCTOR CORPORATION Preliminary Data Sheet VSC7940 SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control G52357-0, Rev 3.2 Page 15 05/11/01 © VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012 Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com Internet: www.vitesse.com Ordering Information The order number for this product is formed by a combination of the device type and package type. VSC7940 xx Device Type Package SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control RP: 32-Pin TQFP W: Dice Waffle Pack otice itesse Semiconductor Corporation (“Vitesse”) provides this document for informational purposes only. This document contains pre-production information bout Vitesse products in their concept, development and/or testing phase. All information in this document, including descriptions of features, functions, erformance, technical specifications and availability, is subject to change without notice at any time. Nothing contained in this document shall be construed s extending any warranty or promise, express or implied, that any Vitesse product will be available as described or will be suitable for or will accomplish ny particular task. itesse products are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without written consent s prohibited. |