Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VC-700 Fiches technique(PDF) 5 Page - Vectron International, Inc

No de pièce VC-700
Description  Voltage Controlled Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-700 Fiches technique(HTML) 5 Page - Vectron International, Inc

  VC-700 Datasheet HTML 1Page - Vectron International, Inc VC-700 Datasheet HTML 2Page - Vectron International, Inc VC-700 Datasheet HTML 3Page - Vectron International, Inc VC-700 Datasheet HTML 4Page - Vectron International, Inc VC-700 Datasheet HTML 5Page - Vectron International, Inc VC-700 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VC-700 Voltage Controlled Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
5
155.520
156.250
161.1328
167.3316
Standard Frequencies (MHz)
Ordering Information
Other frequencies available upon request
VC-700 - D
F F - G F A - xxx.xxx
Product Family
VC: VCXO
Frequency (See Above)
77.6 - 180 MHz
Package
700: 5.0 x 7.5 x 2.8 mm
Linerarity, Stability
A: N/A
L: ± 10 linearity
M: ± 20 ppm stability
Input
C: 5.0Vdc ± 5%
D: 3.3 Vdc ± 5%
Enable - Disable
A: N/A
F: Pin 2
Output
F: Complementary
PECL
Absolute Pull Range *
F: ± 32 ppm
G: ± 50 ppm
Operating Temperature
C: 0 to 70˚C
F: -40 to 85˚C
* Consult factory for other possible APR levels.
10188_VECTRON
05/21/03
3:14 PM
Page 5



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com