| Moteur de recherche de fiches techniques de composants électroniques |
|
TSSO20 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSSO20 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() TSSOP20 PACKAGE AND PACKING INFORMATION 2/4 TAPE MECHANICAL DATA mm. inch D 1.50 +0.1/0 0.059 +0.004/0 E 1.75 ±0.1 0.069 ±0.004 Po 4.00 ±0.1 0.157 ±0.004 T max. 0.40 0.016 D1 min. 1.50 0.059 F 7.5 ±0.05 0.295 ±0.002 K max. 6.50 0.256 P2 2.00 ±0.05 0.079 ±0.002 R40 1.575 W 16.00 ±0.30 0.630 ±0.012 P1 12.00 0.472 Ao, Bo, Ko 0.05 min to 0.90 max. 0.002 min to 0.035 max. BASE QUANTITY 2500 pcs. BULK QUANTITY 2500 pcs. TAPE & REEL SHIPMENT INFORMATION TAPE SPECIFICATIONS Ko T Top Cover Tape K Bo D P2 Po E W F Ao P1 R Center line of gravity User direction of feed Bending radius User direction of feed |