| Moteur de recherche de fiches techniques de composants électroniques |
|
CS7331P Fiches technique(PDF) 9 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS7331P Fiches technique(HTML) 9 Page - Cirrus Logic |
|
9 / 11 page ![]() DS1165PP1 Cirrus Logic Confidential 9 CS7331P 5.2 PCB Land Pattern and Paste Stencil 5.2 PCB Land Pattern and Paste Stencil The recommended PCB Land Pattern and Paste Stencil Pattern for the CS7331P microphone are shown in Fig. 5-1 and Fig. 5-2 respectively. Note that no connection to Pin 4 should be made on the PCB. To avoid accidental connection to Pin 4, it is recommended to ensure there are no exposed tracks, vias, or copper areas beneath Pin 4. See also application note WAN0284 General Design Considerations for MEMS Microphones for further details of PCB footprint design. Full definition of the package dimensions is provided in Section 6. The recommended PCB Land Pattern is shown in Fig. 5-1. Figure 5-1. PCB Land Pattern, Top View The recommended PCB Paste Stencil Pattern is shown in Fig. 5-2. Figure 5-2. PCB Paste Stencil, Top View |