| Moteur de recherche de fiches techniques de composants électroniques |
|
FSW Fiches technique(PDF) 2 Page - Schurter Inc. |
|
|
|||||||||||||||||||||||||||||
FSW Fiches technique(HTML) 2 Page - Schurter Inc. |
|
2 / 4 page ![]() 2 1-Phase Line Filters FSW https://www.schurter.com /PG84 EMC Products Product standards Product standards that are referenced Organization Design Standard Description Designed according to IEC 60320-1 Appliance couplers for household and similar general purposes Designed according to IEC 60939 Passive filters for suppressing electromagnetic interference Designed according to UL 498 Standard for Attachment Plugs and Receptacles Designed according to UL 1283 Electromagnetic interference filters Designed according to CSA C22.2 no. 42 General Use Receptacles, Attachment Plugs, and Similar Wiring Devices Designed according to CSA C22.2 no. 8 Electromagnetic interference (EMI) filters Application standards Application standards where the product can be used Organization Design Standard Description Designed for applications acc. IEC/UL 60950 IEC 60950-1 includes the basic requirements for the safety of information technologyequipment. Compliances The product complies with following Guide Lines Identification Details Initiator Description CE declaration of conformity SCHURTER AG The CE marking declares that the product complies with the applicable requirements laid down in the harmonisation of Community legislation on its affixing in accordance with EU Regulation 765/2008. RoHS SCHURTER AG EU Directive RoHS 2011/65/EU China RoHS SCHURTER AG The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March 2007. It is similar to the EU directive RoHS. REACH SCHURTER AG On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration, Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as "REACH") entered into force. Dimension [mm] Case 48 75±0.3 91 max. 66 max. 6.3x0.8 (3.5) 43 max. (12) 1) 2) 1) Line 2) Load Case 49 75±0.3 91 max. 66 max. 6.3x0.8 (3.5) 32 max. (12) 1) 2) 1) Line 2) Load |