Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST6262B Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce ST6262B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6262B Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button ST6262B Datasheet HTML 70Page - STMicroelectronics ST6262B Datasheet HTML 71Page - STMicroelectronics ST6262B Datasheet HTML 72Page - STMicroelectronics ST6262B Datasheet HTML 73Page - STMicroelectronics ST6262B Datasheet HTML 74Page - STMicroelectronics ST6262B Datasheet HTML 75Page - STMicroelectronics ST6262B Datasheet HTML 76Page - STMicroelectronics ST6262B Datasheet HTML 77Page - STMicroelectronics ST6262B Datasheet HTML 78Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 77 / 78 page
background image
77/78
ST6252C ST6262B
2 SUMMARY OF CHANGES
Rev.
Main Changes
Date
2.9
Modification of “Additional Notes for EEPROM Parallel Mode” (p.13)
Changed fRC values in section 6.4 on page 61
In section 4.2 on page 41: vector #4 instead of vector #3 for the timer interrupt request.
Changed Figure 43 on page 67.
Changed Figure 45. on page 68 and Figure 47.and Figure 48. on page 69.
Changed option list on page 76.
July 2001
3.0
Swapped D11 and D10 description on page 14:
D11. Reserved, must be cleared.
D10. Reserved, must be set to one.
Feb 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78