Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV8236 Fiches technique(PDF) 93 Page - STMicroelectronics

No de pièce STV8236
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8236 Fiches technique(HTML) 93 Page - STMicroelectronics

Back Button STV8236 Datasheet HTML 89Page - STMicroelectronics STV8236 Datasheet HTML 90Page - STMicroelectronics STV8236 Datasheet HTML 91Page - STMicroelectronics STV8236 Datasheet HTML 92Page - STMicroelectronics STV8236 Datasheet HTML 93Page - STMicroelectronics STV8236 Datasheet HTML 94Page - STMicroelectronics STV8236 Datasheet HTML 95Page - STMicroelectronics STV8236 Datasheet HTML 96Page - STMicroelectronics STV8236 Datasheet HTML 97Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 93 / 97 page
background image
93/97
STV82x6
Package Mechanical Data
12
Package Mechanical Data
Figure 20: 56-Pin Shrink Plastic Dual In Line Package, 600-mil Width
Dim.
mm
inches
A
6.35
0.250
A1
0.38
0.015
A2
3.18
4.95
0.125
0.195
b
0.41
0.016
b2
0.89
0.035
C
0.20
0.38
0.008
0.015
D
50.29
53.21
1.980
2.095
E
15.01
0.591
E1
12.32
14.73
0.485
0.580
e
1.78
0.070
eA
15.24
0.600
eB
17.78
0.700
L
2.92
5.08
0.115
0.200
SDIP56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97