Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV8206 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STV8206
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8206 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STV8206 Datasheet HTML 20Page - STMicroelectronics STV8206 Datasheet HTML 21Page - STMicroelectronics STV8206 Datasheet HTML 22Page - STMicroelectronics STV8206 Datasheet HTML 23Page - STMicroelectronics STV8206 Datasheet HTML 24Page - STMicroelectronics STV8206 Datasheet HTML 25Page - STMicroelectronics STV8206 Datasheet HTML 26Page - STMicroelectronics STV8206 Datasheet HTML 27Page - STMicroelectronics STV8206 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 97 page
background image
Audio Processor Block
STV82x6
24/97
SRS™ creates a fully immersed three-dimensional soundfield through the use of a standard
2-speaker stereo configuration. For monaural audio, the source is first converted into a synthetic
stereo signal before creating the 3D effect. The virtual gain for the Surround and Center
components can be adjusted by registers LS_SRS_SPACE and LS_SRS_CENTER (respectively)
in Stereo mode only. These values are used to adapt spatial effects to the source.
For ST WideSurround Sound, Stereo or Mono output mode is automatically selected by the
Automatic Standard Recognition System (AUTOSTD) according to the detected audio source. By
default, ST WideSurround Sound is selected. SRS™ Surround is selected in register
LS_SRD_CTRL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97