| Moteur de recherche de fiches techniques de composants électroniques |
|
GDZ3V0LP3 Fiches technique(PDF) 4 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
GDZ3V0LP3 Fiches technique(HTML) 4 Page - Diodes Incorporated |
|
4 / 5 page ![]() GDZ2V7LP3 - GDZ24LP3 Document number: DS35065 Rev. 18 – 2 4 of 5 www.diodes.com September 2017 © Diodes Incorporated GDZ2V7LP3 - GDZ24LP3 Package Outline Dimensions Please see http://www.diodes.com/package-outlines.html for the latest version. Suggested Pad Layout Please see http://www.diodes.com/package-outlines.html for the latest version. X3-DFN0603-2 Dim Min Max Typ A 0.27 0.35 0.30 A1 0.00 0.03 0.02 b 0.19 0.29 0.24 D 0.595 0.645 0.62 E 0.295 0.345 0.32 e - - 0.355 L 0.14 0.24 0.19 All Dimensions in mm Dimensions Value (in mm) C 0.380 X 0.230 X1 0.610 Y 0.300 L (2x) E b (2x) D A1 (2x) A e X1 Y X C |