Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54LP Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce BAT54LP
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54LP Fiches technique(HTML) 3 Page - Diodes Incorporated

  BAT54LP Datasheet HTML 1Page - Diodes Incorporated BAT54LP Datasheet HTML 2Page - Diodes Incorporated BAT54LP Datasheet HTML 3Page - Diodes Incorporated BAT54LP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAT54LP
Document number: DS30504 Rev. 15 - 2
3 of 4
www.diodes.com
January 2016
© Diodes Incorporated
BAT54LP
Package Outline Dimensions
Please see AP02001 at http://www.diodes.com/_files/datasheets/ap02001.pdf for the latest version.
X1-DFN1006-2
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/_files/datasheets/ap02001.pdf for the latest version.
X1-DFN1006-2
0
50
100
0
25
50
75
100
125
T , AMBIENT TEMPERATURE (°C)
Fig. 3 Power Derating Curve
A
150
200
250
300
X1-DFN1006-2
Dim
Min
Max Typ
A
0.47 0.53 0.50
A1
0
0.05 0.03
b
0.45 0.55 0.50
D
0.95 1.075 1.00
E
0.55 0.675 0.60
e
-
-
0.40
L
0.20 0.30 0.25
R
0.05 0.15 0.10
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.70
G
0.30
X
0.40
X1
1.10
Y
0.70
(°C)
L
E
b
R
e
D
A1
A
X1
Y
C
X
G



Html Pages

1 2 3 4