| Moteur de recherche de fiches techniques de composants électroniques |
|
FP2207R1-R230-R Fiches technique(PDF) 38 Page - Vicor Corporation |
|
|
|||||||||||||||||||||||||||||
FP2207R1-R230-R Fiches technique(HTML) 38 Page - Vicor Corporation |
|
38 / 41 page ![]() Cool-Power® ZVS Switching Regulators Rev 1.5 Page 38 of 41 03/2018 PI352x-00 D1 E1 L D1 E1 L Recommended receiving footprint for PI352x-00 10 x 14mm package. All pads should have a final copper size of 0.55 x 0.55mm, whether they are solder-mask defined or copper defined, on a 1 x 1mm grid. All stencil openings are 0.45mm when using either a 5mil or 6mil stencil. Recommended PCB Footprint and Stencil |